Part Number Hot Search : 
03101 ESD24V SC550 TCLZ20V SF2200E MRF154 PJ20168 03101
Product Description
Full Text Search
 

To Download ATV04A360JB-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s m d t r a n s i e n t v o l t a g e s u p p r e s s o r w orking peak reverse v oltage: 4.0 to 440 v olts power dissipation: 400 w atts rohs device page 1 rev :a a tv04a4v0-g thru. a tv04a441-g maximum ratings and electrical characteristics ratings at 25c ambient temperature unless otherwise specified. single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) s m a / d o - 2 1 4 a c aqw -btv01 no tes : 1 . n on- rep etit ive cu rre nt pul se, pe r f ig. 5 a nd der ate d a bov e t a =2 5 2 . m eas ure d o n 8 .3m s s ing le h alf sin e-w ave or eq uar e w ave ,du ty c ycl e= 4 p uls es per m inu te ma xim um . 3 . v f< 3.5 v f or dev ice s o f v br <2 00v an d v f <5 .0v fo r d evi ces of v br >2 01v comchip t echnology co., l td. 0.109(2.76) 0.099(2.51) 0.064(1.63) 0.049(1.23) 0.206(5.22) 0.192(4.87) 0.012(0.30) 0.006(0.15) 0.008(0.20) max 0.060(1.51) 0.030(0.75) 0.089(2.26) 0.077(1.96) 0.179(4.55) 0.162(4.10) peak power dissipation on 10/1000 s waveform (note1) peak pulse current on 10/1000 s waveform (note 1) steady state power dissipation at t l =75c peak forward surge current, 8.3ms single half sine-wave unidirectional only (note 2) maximum instantaneous forward voltage at 25.0a for unidirectional only (note 3) maximum operating junction temperature storage temperature range v alue units symbol characteristics p ppm i ppm p m(a v) i fsm v f t j t stg 400 see next t able 1.0 40 3.5/5.0 -55 to +150 -55 to +150 w a w a v c c c, per fig. 1. company reserves the right to improve product design , functions and reliability without notice. features - glass passivated chip. - 400w peak pulse power capability with a 10/1000 s waveform, repetitive rate (duty cycle):0.01% - low leakage. - uni and bidirectional unit. - excellent clamping capability . mechanical data - case: sma/do-214ac, molded plastic. - t erminals: solderable per mil-std-750, method 2026. - approx. weight: 0.064 grams - v ery fast response time. - epoxy: ul 94v -0 rate flame retardant. - polarity: color band denotes cathode end execpt bipolar . - comply with aec-q101
aqw -btv01 ra ting and characteristic cur ves (a tv04a4v0-g thru. a tv04a441-g) pulse width,td ( s ) 100 10 1 0.1 0.1 1.0 10 100 p e a k p o w e r , ( k w ) ambient t emperature,t a (c) 0 fig.1- pulse derating curve 0 20 40 60 75 fig.6- t ypical junction capacitance comchip t echnology co., l td. page 2 rev :a 50 100 200 150 s m d t r a n s i e n t v o l t a g e s u p p r e s s o r 10000 1000 25 125 80 100 lead t emperature , tl ( o c ) 0 0.0 s t e a d y p o w e r d i s s i p a t i o n , ( w ) 0.2 1.0 25 75 100 175 0.4 50 125 150 0.8 0.6 number of cycles at 60hz 1 0 p e a k f o r w a r d c u r r e n t , ( a ) 10 100 40 10 20 30 50 8.3ms single half sine-wave (jedec method) t j =t j , max. p e a k p u l s e d e r a t i n g i n p e r c e n t a g e o f p e a k p o w e r o r c u r r e n t , ( % ) j u n c t i o n c a p a c i t a n c e , c j ( p f ) 100 10 1 10 100 1000 1 reverse breakdow n v oltage, v br (v) 10000 bi-directional @zero bias uni-directional @zero bias uni-directional @v rwm bi-directional @ v rwm t j =25 f=1.0mhz o c 175 fig.2- maximum non-repetitive surge current 1000 company reserves the right to improve product design , functions and reliability without notice. fig.5- pulse w aveforem p e a k p u l s e c u r r e n t , ( % ) t ime, (ms) 0 0 1.0 4.0 50 10 0 3.0 2.0 peak value tr=10us half v alue= irsm 2 t j = 25c td pluse width(td) is defined as the point where the peak current decays to 50% of ipp 10 / 1000 waveform sec. as defined by r.e.a. (ipp) fig.4- peak pulse power rating curve fig.3- steady state power derating curve
aqw -btv01 comchip t echnology co., l td. page 3 rev :a s m d t r a n s i e n t v o l t a g e s u p p r e s s o r electrical characteristics (tv04a4v0-g thru. tv04a441-g) v r wm v br m in. v br m ax. i t i fsm i r @ v r wm (v) (v) (v) (ma) (a)@8.3ms (v) i pp (a) (ua) uni bi a t v 0 4 a 5 v 0 j ( b ) - g 5 . 0 0 6 . 4 6 7 . 0 0 1 0 4 0 9 . 2 0 4 3 . 4 8 8 0 0 a e w e a t v 0 4 a 6 v 0 j ( b ) - g 6 . 0 0 6 . 6 7 7 . 3 7 1 0 4 0 1 0 . 3 3 8 . 8 3 8 0 0 a g w g a t v 0 4 a 6 v 5 j ( b ) - g 6 . 5 0 7 . 2 2 7 . 9 8 1 0 4 0 1 1 . 2 3 5 . 7 1 5 0 0 a k w k a t v 0 4 a 7 v 0 j ( b ) - g 7 . 0 0 7 . 7 8 8 . 6 0 1 0 4 0 1 2 . 0 3 3 . 3 3 2 0 0 a m w m a t v 0 4 a 7 v 5 j ( b ) - g 7 . 5 0 8 . 3 3 9 . 2 1 1 4 0 1 2 . 9 3 1 . 0 1 1 0 0 a p w p a t v 0 4 a 8 v 0 j ( b ) - g 8 . 0 0 8 . 8 9 9 . 8 3 1 4 0 1 3 . 6 2 9 . 4 1 5 0 a r w r 8 . 5 0 9 . 4 4 1 0 . 4 0 1 4 0 1 4 . 4 2 7 . 7 8 1 0 a t w t a t v 0 4 a 8 v 5 j ( b ) - g a t v 0 4 a 9 v 0 j ( b ) - g 9 . 0 0 1 0 . 0 0 1 1 . 1 0 1 4 0 1 5 . 4 2 5 . 9 7 5 a v w v 1 0 . 0 1 1 . 1 0 1 2 . 3 0 1 4 0 1 7 . 0 2 3 . 5 3 5 a x w x a t v 0 4 a 1 0 0 j ( b ) - g a t v 0 4 a 1 1 0 j ( b ) - g 1 1 . 0 1 2 . 2 0 1 3 . 5 0 1 4 0 1 8 . 2 2 1 . 9 8 5 a z w z a t v 0 4 a 1 2 0 j ( b ) - g 1 2 . 0 1 3 . 3 0 1 4 . 7 0 1 4 0 1 9 . 9 2 0 . 1 0 5 b e x e a t v 0 4 a 1 3 0 j ( b ) - g 1 3 . 0 1 4 . 4 0 1 5 . 9 0 1 4 0 2 1 . 5 1 8 . 6 0 5 b g x g a t v 0 4 a 1 4 0 j ( b ) - g 1 4 . 0 1 5 . 6 0 1 7 . 2 0 1 4 0 2 3 . 2 1 7 . 2 4 5 b k x k a t v 0 4 a 1 5 0 j ( b ) - g 1 5 . 0 1 6 . 7 0 1 8 . 5 0 1 4 0 2 4 . 4 1 6 . 3 9 5 b m x m a t v 0 4 a 1 6 0 j ( b ) - g 1 6 . 0 1 7 . 8 0 1 9 . 7 0 1 4 0 2 6 . 0 1 5 . 3 8 5 b p x p a t v 0 4 a 1 7 0 j ( b ) - g 1 7 . 0 1 8 . 9 0 2 0 . 9 0 1 4 0 2 7 . 6 1 4 . 4 9 5 b r x r a t v 0 4 a 1 8 0 j ( b ) - g 1 8 . 0 2 0 . 0 0 2 2 . 1 0 1 4 0 2 9 . 2 1 3 . 7 0 5 b t x t a t v 0 4 a 2 0 0 j ( b ) - g 2 0 . 0 2 2 . 2 0 2 4 . 5 0 1 4 0 3 2 . 4 1 2 . 3 5 5 b v x v a t v 0 4 a 2 2 0 j ( b ) - g 2 2 . 0 2 4 . 4 0 2 6 . 9 0 1 4 0 3 5 . 5 1 1 . 2 7 5 b x x x a t v 0 4 a 2 4 0 j ( b ) - g 2 4 . 0 2 6 . 7 0 2 9 . 5 0 1 4 0 3 8 . 9 1 0 . 2 8 5 b z x z a t v 0 4 a 2 6 0 j ( b ) - g 2 6 . 0 2 8 . 9 0 3 1 . 9 0 1 4 0 4 2 . 1 9 . 5 0 5 c e y e 2 8 . 0 3 1 . 1 0 3 4 . 4 0 1 4 0 4 5 . 4 8 . 8 1 5 c g y g a t v 0 4 a 2 8 0 j ( b ) - g a t v 0 4 a 3 0 0 j ( b ) - g 3 0 . 0 3 3 . 3 0 3 6 . 8 0 1 4 0 4 8 . 4 8 . 2 6 5 c k y k 3 3 . 0 3 6 . 7 0 4 0 . 6 0 1 4 0 5 3 . 3 7 . 5 0 5 c m y m absolute maximum rating (t a=25c) part no electrical characteristic (t a=25c) m ax. v c marking code a t v 0 4 a 1 9 0 j ( b ) - g 1 9 . 0 2 0 . 1 0 2 3 . 3 0 1 4 0 3 0 . 8 1 3 . 0 0 5 b b x b a t v 0 4 a 3 3 0 j ( b ) - g a t v 0 4 a 3 6 0 j ( b ) - g 3 6 . 0 4 0 . 0 0 4 4 . 2 0 1 4 0 5 8 . 1 6 . 8 8 5 y p c p a t v 0 4 a 4 v 0 j ( b ) - g 4 . 0 0 5 . 8 9 6 . 5 1 1 0 4 0 8 . 6 0 4 6 . 5 0 8 0 0 a c w c 40.0 44.40 49.10 1 40 64.5 6.20 5 cr yr a t v 0 4 a 4 0 0 j ( b ) - g 43.0 47.80 52.80 1 40 69.4 5.76 5 ct yt 45.0 50.00 55.30 1 40 72.7 5.50 5 cv yv 48.0 53.30 58.90 1 40 77.4 5.17 5 cx yx 51.0 56.70 62.70 1 40 82.4 4.85 5 cz yz 54.0 60.00 66.30 1 40 87.1 4.59 5 re ze 58.0 64.40 71.20 1 40 93.6 4.27 5 rg zg 60.0 66.70 73.70 1 40 96.8 4.13 5 rk zk a t v 0 4 a 4 3 0 j ( b ) - g a t v 0 4 a 4 5 0 j ( b ) - g a t v 0 4 a 4 8 0 j ( b ) - g a t v 0 4 a 5 1 0 j ( b ) - g a t v 0 4 a 5 4 0 j ( b ) - g a t v 0 4 a 5 8 0 j ( b ) - g a t v 0 4 a 6 0 0 j ( b ) - g 64.0 71.10 78.60 1 40 103.0 3.88 5 rm zm 70.0 77.80 86.00 1 40 1 13.0 3.54 5 rp zp 75.0 83.30 92.10 1 40 121.0 3.31 5 rr zr 78.0 86.70 95.80 1 40 126.0 3.17 5 r t zt 85.0 94.40 104.00 1 40 137.0 2.92 5 r v zv 90.0 100.00 1 1 1.00 1 40 146.0 2.74 5 rx zx 100.0 1 1 1.00 123.00 1 40 162.0 2.47 5 rz zz 80.0 88.80 97.60 1 40 129.6 3.09 5 rb zb a t v 0 4 a 6 4 0 j ( b ) - g a t v 0 4 a 7 0 0 j ( b ) - g a t v 0 4 a 7 5 0 j ( b ) - g a t v 0 4 a 7 8 0 j ( b ) - g a t v 0 4 a 8 0 0 j ( b ) - g a t v 0 4 a 8 5 0 j ( b ) - g a t v 0 4 a 9 0 0 j ( b ) - g a t v 0 4 a 1 0 1 j ( b ) - g 1 10.0 122.00 135.00 1 40 177.0 2.26 5 se ve 120.0 133.00 147.00 1 40 193.0 2.07 5 sg vg 130.0 144.00 159.00 1 40 209.0 1.91 5 sk vk 150.0 167.00 185.00 1 40 243.0 1.65 5 sm vm 160.0 178.00 197.00 1 40 259.0 1.54 5 sp vp 170.0 189.00 209.00 1 40 275.0 1.45 5 sr vr 140.0 155.00 171.00 1 40 226.8 1.76 5 sb vb 180.0 200.00 220.00 1 40 291.6 1.37 5 st vt a t v 0 4 a 1 1 1 j ( b ) - g a t v 0 4 a 1 2 1 j ( b ) - g a t v 0 4 a 1 3 1 j ( b ) - g a t v 0 4 a 1 4 1 j ( b ) - g a t v 0 4 a 1 5 1 j ( b ) - g a t v 0 4 a 1 6 1 j ( b ) - g a t v 0 4 a 1 7 1 j ( b ) - g a t v 0 4 a 1 8 1 j ( b ) - g 190.0 21 1.00 232.00 1 40 307.8 1.30 5 sv vv a t v 0 4 a 1 9 1 j ( b ) - g company reserves the right to improve product design , functions and reliability without notice.
aqw -btv01 comchip t echnology co., l td. page 4 rev :a s m d t r a n s i e n t v o l t a g e s u p p r e s s o r electrical characteristics (tv04a4v0-g thru. tv04a441-g) company reserves the right to improve product design , functions and reliability without notice. v r wm v br min. v br max. i t i fsm i r @v r wm (v) (v) (v) (ma) (a)@8.3ms (v) i pp (a) (ua) uni bi 200.0 224.00 247.00 1 40 324.0 1.23 5 sw vw 220.0 246.00 272.00 1 40 356.0 1.12 5 sx vx 250.0 279.00 309.00 1 40 405.0 0.99 5 sz vz 300.0 335.00 371.00 1 40 486.0 0.82 5 de he 350.0 391.00 432.00 1 40 567.0 0.71 5 dg hg 400.0 447.00 494.00 1 40 648.0 0.62 5 dk hk 440.0 492.00 543.00 1 40 713.0 0.56 5 dm hm part no. absolute maximum rating (t a =25c) electrical characteristic (t a =25c) max v c marking code 1) suf fix j denotes 5% tolerance devices. 2) suf fix b after part number to specify bi-directional devices. 3) for bi-directional devices having v r of 10 volts and under , the i r limit is double. note: a t v 0 4 a 2 0 1 j ( b ) - g a t v 0 4 a 2 2 1 j ( b ) - g a t v 0 4 a 2 5 1 j ( b ) - g a t v 0 4 a 3 0 1 j ( b ) - g a t v 0 4 a 3 5 1 j ( b ) - g a t v 0 4 a 4 0 1 j ( b ) - g a t v 0 4 a 4 4 1 j ( b ) - g
aqw -btv01 comchip t echnology co., l td. page 5 rev :a s m d t r a n s i e n t v o l t a g e s u p p r e s s o r o 1 2 0 t railer device leader 10 pitches (min) 10 pitches (min) ....... ....... ....... ....... ....... ....... ....... ....... end start d 1 d 2 d w 1 t c direction of feed reel t aping specification b c d d d 2 d 1 s m a / d o - 2 1 4 a c s y m b o l a ( m m ) ( i n c h ) 1 . 9 6 9 m i n . 2 . 7 9 0 . 1 0 5 . 3 3 0 . 1 0 4 . 0 0 0 . 1 0 1 . 7 5 0 . 1 0 5 0 . 0 m i n . 1 3 . 0 0 . 2 4 . 5 0 ( m a x ) 4 . 0 0 0 . 1 0 2 . 0 0 0 . 0 5 1 2 . 0 0 . 3 0 1 8 . 4 m a x . 3 3 0 m a x 0 . 2 1 0 0 . 0 0 4 0 . 1 1 0 0 . 0 0 4 0 . 1 7 7 ( m a x ) 0 . 0 6 9 0 . 0 0 4 1 3 . 0 0 m a x 0 . 5 1 2 0 . 0 0 8 s y m b o l ( m m ) ( i n c h ) 0 . 4 7 2 0 . 0 1 2 0 . 1 5 7 0 . 0 0 4 0 . 1 5 7 0 . 0 0 4 0 . 0 7 9 0 . 0 0 2 0 . 7 2 4 m a x e f p p 0 p 1 w w 1 1 . 7 5 0 . 1 0 0 . 0 6 8 0 . 0 0 4 5 . 5 0 0 . 0 5 0 . 2 1 6 0 . 0 0 2 s m a / d o - 2 1 4 a c i n d e x h o l e d e f b w p p 0 p 1 a company reserves the right to improve product design , functions and reliability without notice.
aqw -btv01 comchip t echnology co., l td. page 6 rev :a s m d t r a n s i e n t v o l t a g e s u p p r e s s o r suggested p ad layout standard packaging c d b a marking code c xx 1. c : comchip pkg sma smb smc a b c 3. xx : marking code ( see page .3~5) 2. : package 4. : cathod band 2 1 3 4 sma/do-214ac c a s e t y p e 5 , 0 0 0 r e e l ( p c s ) reel size (inch) 1 3 r e e l p a c k company reserves the right to improve product design , functions and reliability without notice. size (inch) 0.208 (mm) 5.28 1.88 max 1.52 min 0.074 max 0.060 min 1.68 min 0.066 min b c d a do-214ac(sma)


▲Up To Search▲   

 
Price & Availability of ATV04A360JB-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X